データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST10F271Z1T3 データシート(PDF) 101 Page - STMicroelectronics

部品番号 ST10F271Z1T3
部品情報  16-bit MCU with 128 Kbyte Flash memory and 12 Kbyte RAM
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F271Z1T3 データシート(HTML) 101 Page - STMicroelectronics

Back Button ST10F271Z1T3 Datasheet HTML 97Page - STMicroelectronics ST10F271Z1T3 Datasheet HTML 98Page - STMicroelectronics ST10F271Z1T3 Datasheet HTML 99Page - STMicroelectronics ST10F271Z1T3 Datasheet HTML 100Page - STMicroelectronics ST10F271Z1T3 Datasheet HTML 101Page - STMicroelectronics ST10F271Z1T3 Datasheet HTML 102Page - STMicroelectronics ST10F271Z1T3 Datasheet HTML 103Page - STMicroelectronics ST10F271Z1T3 Datasheet HTML 104Page - STMicroelectronics ST10F271Z1T3 Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 185 page
background image
ST10F271Z1
System reset
101/185
Figure 35.
PORT0 bits latched into the different registers after reset
L.5
L.4
L.3
L.2
L.1
L.0
H.3
H.2
H.1
H.0
L.7
L.6
H.7
H.6
H.5
H.4
EMU
ADP
WRC
CSSEL
SALSEL
BUSTYP
RP0H
Clock
Port 4
Logic
Port 6
Logic
SYSCON
BUSCON0
Internal Control Logic
CLKCFG
76
2
P0L.7
P0L.7
9
BYTDIS
WRCFG
PORT0
Bootstrap Loader
Generator
CLKCFG
SALSEL
CSSEL
WRC
BTYP
BSL
Res.
10
9
ALE
CTL0
BUS
ACT0
EA / VSTBY
ROMEN
10
8
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More