データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2AS4 データシート(PDF) 1 Page - Multicomp Pro

部品番号 2AS4
部品情報  Toggle Switches Sub-Miniature
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MULTICOMP [Multicomp Pro]
ホームページ  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

2AS4 データシート(HTML) 1 Page - Multicomp Pro

  2AS4 Datasheet HTML 1Page - Multicomp Pro 2AS4 Datasheet HTML 2Page - Multicomp Pro 2AS4 Datasheet HTML 3Page - Multicomp Pro 2AS4 Datasheet HTML 4Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Page <1>
V1.0
11/08/20
Toggle Switches
Sub-Miniature
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Specifications
Contact Rating
: 0.4 Volt-Amps (VA) max. at 20V max. (AC or DC)
Mechanical Life
: 30,000 make-and-break cycles
Contact Resistance
: 20mΩ max. initial at 2 to 4V DC
100mA for both silver and gold plated contacts
Min. Insulation Resistance
: 1,000MΩ
Dielectric Strength
: 1,000Vrms at sea level
Operating Temperature
: -30°C to +85°C
Materials
Case and Bushing
: Glass filled nylon 66, heat stabilized.
Actuator
: Brass, chrome plated with internal, O-ring seal standard.
Switch Support
: Brass or steel, tin plated.
Contacts/Terminals
: Copper alloy, with gold plated.
Pole Option
M2RE
DPDT
Number
of
Poles
Switch Function
Connected Terminals/Schematic
Model
Number
Position 1 Position 2 Position 3
Position 1
Position 2
Position 3
SP
On
None
Mom
2 - 3
N/A
2 - 1
2AS2
Mom
Off
Open
2AS4
On
2AS5
DP
On
None
On
2 - 3, 5 - 6
N/A
2 - 1, 5 - 4
2AD1
Mom
2AD2
Off
On
Open
2AD3
On
2 - 3, 5 - 6
2 - 3, 5 - 4
2 - 1, 5 - 4
2AD6
Specification Table
Mom = Momentary
Dimensions : Millimetres (Inches)


同様の部品番号 - 2AS4

メーカー部品番号データシート部品情報
logo
Multicomp Pro
2AS4 MULTICOMP-2AS4 Datasheet
632Kb / 5P
2A Series Sealed Sub-Miniature Toggle Switches
16/02/18 V1.0
2AS4T1A1M2CE MULTICOMP-2AS4T1A1M2CE Datasheet
632Kb / 5P
2A Series Sealed Sub-Miniature Toggle Switches
16/02/18 V1.0
2AS4T1A1M2CES MULTICOMP-2AS4T1A1M2CES Datasheet
632Kb / 5P
2A Series Sealed Sub-Miniature Toggle Switches
16/02/18 V1.0
2AS4T1A1M2QE MULTICOMP-2AS4T1A1M2QE Datasheet
632Kb / 5P
2A Series Sealed Sub-Miniature Toggle Switches
16/02/18 V1.0
2AS4T1A1M2QES MULTICOMP-2AS4T1A1M2QES Datasheet
632Kb / 5P
2A Series Sealed Sub-Miniature Toggle Switches
16/02/18 V1.0
More results

同様の説明 - 2AS4

メーカー部品番号データシート部品情報
logo
DB Lectro Inc
ES30-T DBLECTRO-ES30-T Datasheet
180Kb / 3P
Sub-Miniature Toggle Switches (washable)
ES40-T DBLECTRO-ES40-T Datasheet
466Kb / 5P
Sealed Sub-Miniature Toggle Switches
logo
GREATECS
TK31 GREATECS-TK31 Datasheet
536Kb / 3P
Sub-Miniature SPDT Toggle Switches
logo
E-SWITCH
200 E-SWITCH-200 Datasheet
718Kb / 5P
TOGGLE SWITCHES - SUB MINIATURE
200A E-SWITCH-200A Datasheet
414Kb / 4P
TOGGLE SWITCHES - SUB-MINIATURE
200B E-SWITCH-200B_1 Datasheet
155Kb / 1P
TOGGLE SWITCHES - SMT SUB-MINIATURE
logo
List of Unclassifed Man...
2MS1T1B2M2RE ETC2-2MS1T1B2M2RE Datasheet
315Kb / 5P
Toggle Switches Sub-Miniature
logo
Grayhill, Inc
34CWSP12B4M2RT GRAYHILL-34CWSP12B4M2RT Datasheet
201Kb / 4P
Sub-Miniature Toggle Switches
34DWMSP12B4M2RT GRAYHILL-34DWMSP12B4M2RT Datasheet
134Kb / 3P
Sealed Sub-Miniature Toggle Switches
HDW15 GRAYHILL-HDW15 Datasheet
871Kb / 6P
Miniature Toggle Switches
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com