| データシートサーチシステム |
|
ESDS312 データシート(PDF) 3 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
ESDS312 データシート(HTML) 3 Page - Texas Instruments |
|
3 / 23 page ![]() Table 4-1. Pin Functions for ESDS311 PIN TYPE(1) DESCRIPTION NAME NO. I/O 1 I/O Surge/ESD protected channels. Connect to the lines being protected. GND 2 GND Ground. Connect to ground. Table 4-2. Pin Functions for ESDS312 PIN TYPE(1) DESCRIPTION NAME NO. I/O1 4 I/O Surge/ESD protected channels. Connect to the lines being protected. I/O2 5 GND 2 GND Ground. Connect to ground. NC 1 NC Not connected; Used for optional straight-through routing. Can be left floating or grounded NC 3 Table 4-3. Pin Functions for ESDS314 PIN TYPE(1) DESCRIPTION NAME NO. I/O1 1 I/O Surge/ESD protected channels. Connect to the lines being protected. I/O2 3 I/O3 4 I/O4 5 GND 2 GND Ground. Connect to ground (1) I = input, O = output, NC = no connection, and GND = ground www.ti.com ESDS311, ESDS312, ESDS314 SLVSEG9C – MAY 2018 – REVISED FEBRUARY 2024 Copyright © 2024 Texas Instruments Incorporated Submit Document Feedback 3 Product Folder Links: ESDS311 ESDS312 ESDS314 |