| データシートサーチシステム |
|
PCF8545ATT/A データシート(PDF) 48 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8545ATT/A データシート(HTML) 48 Page - NXP Semiconductors |
|
48 / 72 page ![]() PCF8545 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2013. All rights reserved. Product data sheet Rev. 1 — 13 November 2013 48 of 72 NXP Semiconductors PCF8545 Universal LCD driver for multiplex rates up to 1:8 1:8 multiplex drive mode; 1⁄4 bias; internal oscillator; display enabled; LCD outputs are open circuit; RAM is all written with logic 1; inputs at VSS or VDD; default display prescale factor; I2C-bus or SPI-bus inactive. Typical is defined at VDD = 3.3 V, 25 C. Fig 37. Typical IDD with respect to temperature Power-down mode is enabled; I2C-bus or SPI-bus inactive. Typical is defined at 25 C. Fig 38. Typical IDD(LCD) in power-down mode with respect to temperature |