データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PCF8545 データシート(PDF) 32 Page - NXP Semiconductors

部品番号 PCF8545
部品情報  Universal LCD driver for multiplex rates up to 1:8
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8545 データシート(HTML) 32 Page - NXP Semiconductors

Back Button PCF8545 Datasheet HTML 28Page - NXP Semiconductors PCF8545 Datasheet HTML 29Page - NXP Semiconductors PCF8545 Datasheet HTML 30Page - NXP Semiconductors PCF8545 Datasheet HTML 31Page - NXP Semiconductors PCF8545 Datasheet HTML 32Page - NXP Semiconductors PCF8545 Datasheet HTML 33Page - NXP Semiconductors PCF8545 Datasheet HTML 34Page - NXP Semiconductors PCF8545 Datasheet HTML 35Page - NXP Semiconductors PCF8545 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 72 page
background image
PCF8545
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 1 — 13 November 2013
32 of 72
NXP Semiconductors
PCF8545
Universal LCD driver for multiplex rates up to 1:8
Depending on the start address of the data pointer, there is the possibility for a boundary
condition. This occurs when more data bits are sent than fit into the remaining RAM. The
additional data bits are discarded. See Figure 21.
8.9.3 RAM filling in 1:6 multiplex drive mode
In the 1:6 multiplex drive mode the RAM is organized in six rows and 42 columns. The
eight transmitted data bits are placed in such a way, that a column is filled up (see
Figure 22).
Fig 20. Display RAM filling order in 1:4 multiplex drive mode
Fig 21. Boundary condition in 1:4 multiplex drive mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72