データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SR1 データシート(PDF) 18 Page - STMicroelectronics

部品番号 SR1
部品情報  4 pin Smart Reset™
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SR1 データシート(HTML) 18 Page - STMicroelectronics

Back Button SR1 Datasheet HTML 13Page - STMicroelectronics SR1 Datasheet HTML 14Page - STMicroelectronics SR1 Datasheet HTML 15Page - STMicroelectronics SR1 Datasheet HTML 16Page - STMicroelectronics SR1 Datasheet HTML 17Page - STMicroelectronics SR1 Datasheet HTML 18Page - STMicroelectronics SR1 Datasheet HTML 19Page - STMicroelectronics SR1 Datasheet HTML 20Page - STMicroelectronics SR1 Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
Part numbering
SR1
18/21
DocID026048 Rev 2
11
Part numbering
Table 6. Ordering information scheme
Example:
SR1
H
A
R
U
Device type
SR1
Smart Reset setup delay (tSRC)
(1)
1.
Smart Reset delay (tSRC) is available from 0.5 s to 10 s in 0.5 s steps (typ.). Minimum order quantities may
apply. Contact local sales office for availability.
C = factory programmable tSRC = 1.5 s (typ.)
H = factory programmable tSRC = 4.0 s (typ.)
L = factory programmable tSRC = 6.0 s (typ.)
P = factory programmable tSRC = 7.5 s (typ.)
U = factory programmable tSRC = 10.0 s (typ.)
Inputs, outputs type(2)
2.
Push-pull reset output type also available (active low or active high). SR input and open drain reset output
available with optional pull-up resistor. Minimum order quantities may apply. Contact local sales office for
availability.
A = active low SR input with no pull-up,
active low open drain RST output with no pull-up
B = active low SR input with pull-up,
active low open drain RST output with no pull-up
Reset timeout period (tREC)
A = factory programmable tREC = 210 ms (typ.)
B = factory programmable tREC = 360 ms (typ.)
R = push-button controlled (no defined tREC)
Package
U = UDFN-6L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21