| データシートサーチシステム |
|
STM1831 データシート(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM1831 データシート(HTML) 18 Page - STMicroelectronics |
|
18 / 24 page ![]() DC and AC parameters STM1831 18/24 Doc ID 18180 Rev 1 5 DC and AC parameters This section summarizes the operating measurement conditions, and the DC and AC characteristics of the device. The parameters in Table 4 that follow, are derived from tests performed under the measurement conditions summarized in Table 3 and Figure 5 with measurement conditions for tDET and tREL. Designers should check that the operating conditions in their circuit match the operating conditions when relying on the quoted parameters. Figure 22. AC testing input/output waveforms Table 3. Operating and AC measurement conditions Parameter Value Unit Supply voltage (VCC) 1.6 to 6.0 V Ambient operating temperature (TA) –40 to 85 °C Input rise and fall times ≤ 5ns Input pulse voltages 0.2 to 0.8 VCC V Input and output timing ref. voltages 0.3 to 0.7 VCC V AI02568 0.8 VCC 0.2 VCC 0.7 VCC 0.3 VCC |