| データシートサーチシステム |
|
STM32WB10CCU5 データシート(PDF) 54 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WB10CCU5 データシート(HTML) 54 Page - STMicroelectronics |
|
54 / 110 page ![]() Electrical characteristics STM32WB10CC 54/110 DS13259 Rev 2 6.1.7 Current consumption measurement Figure 11. Current consumption measurement scheme 6.2 Absolute maximum ratings Stresses above the absolute maximum ratings listed in Table 16, Table 17 and Table 18 may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these conditions is not implied. Exposure to maximum rating conditions for extended periods may affect device reliability. Device mission profile (application conditions) is compliant with JEDEC JESD47 Qualification standard, extended mission profiles are available on demand. MSv63021V1 IDDRF VDDRF IDDVBAT VBAT IDD IDDA VDD VDDA Table 16. Voltage characteristics(1) Symbol Ratings Min Max Unit VDDX - VSS External main supply voltage (including VDD, VDDA, VDDRF, VBAT) -0.3 4.0 V VIN(2) Input voltage on FT_xxx pins VSS-0.3 min (VDD, VDDA, VDDRF) + 4.0(3)(4) Input voltage on TT_xx pins 4.0 Input voltage on any other pin 4.0 |∆VDDx| Variation between different VDDX power pins of the same domain -50 mV |VSSx-VSS| Variation between all the different ground pins - 50 1. All main power (VDD, VDDRF, VDDA, VBAT) and ground (VSS, VSSRF) pins must always be connected to the external power supply, in the permitted range. 2. VIN maximum must always be respected. Refer to Table 17 for the maximum allowed injected current values. 3. This formula must be applied only on the power supplies related to the IO structures described in the pin definition table. 4. To sustain a voltage higher than 4 V the internal pull-up/pull-down resistors must be disabled. |