データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32G030C8 データシート(PDF) 48 Page - STMicroelectronics

部品番号 STM32G030C8
部品情報  Arm® Cortex®-M0 32-bit MCU, up to 64 KB Flash, 8 KB RAM, 2x USART, timers, ADC, comm. I/Fs, 2.0-3.6V
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G030C8 データシート(HTML) 48 Page - STMicroelectronics

Back Button STM32G030C8 Datasheet HTML 44Page - STMicroelectronics STM32G030C8 Datasheet HTML 45Page - STMicroelectronics STM32G030C8 Datasheet HTML 46Page - STMicroelectronics STM32G030C8 Datasheet HTML 47Page - STMicroelectronics STM32G030C8 Datasheet HTML 48Page - STMicroelectronics STM32G030C8 Datasheet HTML 49Page - STMicroelectronics STM32G030C8 Datasheet HTML 50Page - STMicroelectronics STM32G030C8 Datasheet HTML 51Page - STMicroelectronics STM32G030C8 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 94 page
background image
Electrical characteristics
STM32G030x6/x8
48/94
DS12991 Rev 1
5.3.6
Wakeup time from low-power modes and voltage scaling
transition times
The wakeup times given in Table 32 are the latency between the event and the execution of
the first user instruction.
Table 31. Current consumption of peripherals
Peripheral
Bus
Consumption in µA/MHz
Range 1
Range 2
Low-power run
and sleep
IOPORT Bus
IOPORT
0.5
0.4
0.3
GPIOA
IOPORT
3.1
2.4
3.0
GPIOB
IOPORT
2.9
2.3
3.0
GPIOC
IOPORT
0.9
0.8
1.0
GPIOD
IOPORT
0.7
0.6
1.0
GPIOF
IOPORT
0.5
0.5
1.0
Bus matrix
AHB
3.2
2.2
2.8
All AHB Peripherals
AHB
9.8
8.2
8.5
DMA1/DMAMUX
AHB
3.4
2.9
3.0
CRC
AHB
0.5
0.4
0.5
FLASH
AHB
4.3
3.6
3.5
All APB peripherals
APB
23.5
20.0
20.5
AHB to APB bridge(1)
APB
0.2
0.2
0.1
PWR
APB
0.4
0.3
0.5
SYSCFG
APB
0.4
0.4
0.5
WWDG
APB
0.2
0.3
0.5
TIM1
APB
7.0
5.9
6.5
TIM3
APB
3.6
3.1
3.5
TIM14
APB
1.5
1.3
1.5
TIM16
APB
2.3
2.0
2.5
TIM17
APB
1.0
0.8
0.3
I2C1
APB
3.2
2.7
3.0
I2C2
APB
0.7
0.6
1.0
SPI1
APB
2.2
1.8
2.0
SPI2
APB
1.3
1.1
1.5
USART1
APB
6.6
5.6
6.0
USART2
APB
1.8
1.5
2.0
ADC
APB
1.6
1.5
1.5
1. The AHB to APB Bridge is automatically active when at least one peripheral is ON on the APB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94