データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PIMC31PA データシート(PDF) 8 Page - Nexperia B.V. All rights reserved

部品番号 PIMC31PA
部品情報  50 V, 500 mA NPN/PNP Resistor-Equipped double Transistor; R1 = 1 kΩ, R2 = 10 kΩ
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEXPERIA [Nexperia B.V. All rights reserved]
ホームページ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PIMC31PA データシート(HTML) 8 Page - Nexperia B.V. All rights reserved

Back Button PIMC31PA Datasheet HTML 4Page - Nexperia B.V. All rights reserved PIMC31PA Datasheet HTML 5Page - Nexperia B.V. All rights reserved PIMC31PA Datasheet HTML 6Page - Nexperia B.V. All rights reserved PIMC31PA Datasheet HTML 7Page - Nexperia B.V. All rights reserved PIMC31PA Datasheet HTML 8Page - Nexperia B.V. All rights reserved PIMC31PA Datasheet HTML 9Page - Nexperia B.V. All rights reserved PIMC31PA Datasheet HTML 10Page - Nexperia B.V. All rights reserved PIMC31PA Datasheet HTML 11Page - Nexperia B.V. All rights reserved PIMC31PA Datasheet HTML 12Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Nexperia
PIMC31PA
50 V, 500 mA NPN/PNP Resistor-Equipped double Transistor; R1 = 1 kΩ, R2 = 10 kΩ
aaa-020059
102
10
103
hFE
1
IC (mA)
10-1
103
102
1
10
(1)
(2)
(3)
VCE = 5 V
(1) Tamb = 100 °C
(2) Tamb = 25 °C
(3) Tamb = −40 °C
Fig. 6. TR1 (NPN): DC current gain as a function of
collector current; typical values
VCE (V)
0
5
4
2
3
1
aaa-020107
0.2
0.3
0.1
0.4
0.5
IC
(A)
0
IB (mA) = 2.05
1.65
1.25
0.85
0.45
0.25
0.65
1.05
1.45
1.85
Tamb = 25 °C
Fig. 7. TR1 (NPN): Collector current as a function of
collector-emitter voltage; typical values
aaa-020109
10
VI(on)
(V)
10-1
IC (mA)
10-1
103
102
1
10
1
(1)
(2)
(3)
VCE = 0.3 V
(1) Tamb = -40 °C
(2) Tamb = 25 °C
(3) Tamb = 100 °C
Fig. 8. TR1 (NPN): On-state input voltage as a function
of collector current; typical values
aaa-020112
IC (mA)
10-1
10
1
1
VI(off)
(V)
10-1
(1)
(2)
(3)
VCE = 5 V
(1) Tamb = -40 °C
(2) Tamb = 25 °C
(3) Tamb = 100 °C
Fig. 9. TR1 (NPN): Off-state input voltage as a function
of collector current; typical values
PIMC31PA
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2023. All rights reserved
Product data sheet
31 August 2023
8 / 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com