| データシートサーチシステム |
|
PMPB16EP データシート(PDF) 13 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
PMPB16EP データシート(HTML) 13 Page - Nexperia B.V. All rights reserved |
|
13 / 234 page ![]() New products MOSFETs Category Device Description Page Power MOSFETs PSMN1R5-25MLH N-channel 25 V, 1.81 mΩ, logic level MOSFET in LFPAK33 92 PSMN1R6-30MLH N-channel 30 V, 1.9 mΩ, 160 A logic level MOSFET in LFPAK33 92 PSMN1R8-30MLH N-channel 30 V, 2.1 mΩ, 150 A logic level MOSFET in LFPAK33 92 PSMNR70-40SSH N-channel 40 V, 0.7 mΩ, standard level MOSFET in LFPAK88 92 PSMNR90-40SSH N-channel 40 V, 0.9 mΩ, standard level MOSFET in LFPAK88 92 PSMN1R0-40SSH N-channel 40 V, 1 mΩ, standard level MOSFET in LFPAK88 92 PSMNR90-40YLH N-channel 40 V, 0.94 mΩ, logic level MOSFET in LFPAK56E 93 PSMN1R0-40YSH N-channel 40 V, 1 mΩ, standard level MOSFET in LFPAK56E 93 PSMN1R5-40YSD N-channel 40 V, 1.5 mΩ, standard level MOSFET in LFPAK56 93 PSMN1R7-40YLD N-channel 40 V, 1.8 mΩ, logic level MOSFET in LFPAK56 93 PSMN1R9-40YSD N-channel 40 V, 1.9 mΩ, standard level MOSFET in LFPAK56 93 PSMN2R0-40YLD N-channel 40 V, 2.1 mΩ,logic level MOSFET in LFPAK56 93 PSMN2R2-40YSD N-channel 40 V, 2.2 mΩ, standard level MOSFET in LFPAK56 93 PSMN2R5-40YLD N-channel 40 V, 2.6 mΩ, logic level MOSFET in LFPAK56 93 PSMN2R8-40YSD N-channel 40 V, 2.8 mΩ, standard level MOSFET in LFPAK56 93 PSMN3R2-40YLD N-channel 40 V, 3.3 mΩ, logic level MOSFET in LFPAK56 93 PSMN3R5-40YSD N-channel 40 V, 3.5 mΩ, standard level MOSFET in LFPAK56 93 PSMN6R7-40MSD N-channel 40 V, 6.7 mΩ standard level MOSFET in LFPAK33 93 PSMN011-100YSF N-channel 100 V, 10.9 mΩ, standard level MOSFET in LFPAK56 96 Small-signal MOSFETs PMH600UNE N-channel 20 V, 620 mΩ, Small signal MOSFET in DFN0606-3 98 PMH550UNE N-channel 30 V, 670 mΩ, Small signal MOSFET in DFN0606-3 98 NX7002BKH N-channel 60 V, 2800 mΩ, Small signal MOSFET in DFN0606-3 98 PMH950UPE P-channel 20 V, 1400 mΩ, Small signal MOSFET in DFN0606-3 98 PMH1200UPE P-channel 20 V, 1600 mΩ, Small signal MOSFET in DFN0606-3 98 PMPB8XN N-channel 20 V, 12 mΩ, Small signal MOSFET in DFN2020MD-6 100 PMPB10EN N-channel 30 V, 12 mΩ, small signal MOSFET in DFN2020MD-6 100 PMPB13UP P-channel 12 V, 16 mΩ, small signal MOSFET in DFN2020MD-6 100 PMPB15XP P-channel 12 V, 19 mΩ small signal MOSFET in DFN2020MD-6 100 PMPB27EP P-channel 30 V, 29 mΩ small signal MOSFET in DFN2020MD-6 100 PMPB16EP P-channel 30 V, 20 mΩ small signal MOSFET in DFN2020MD-6 100 PMCM950ENE N-channel 60 V, 41 mΩ small signal MOSFET in WLCSP9 101 PMV15UNEA N-Channel 20 V, 19 mΩ Q101 qualified small signal MOSFET in SOT23 103 PMN20ENA N-Channel 40 V, 23 mΩ Small Signal MOSFET in SOT457 103 PMN30ENEA N-channel 40 V, 30 mΩ Q101 Small signal MOSFET in SOT457 103 PMN40ENA N-channel 60 V, 43 mΩ Q101 small signal MOSFET in SOT457 103 PMV30ENEA N-channel 40 V, 30 mΩ Q101 Small signal MOSFET in SOT23 103 PMV74EPE P-channel 30 V, 90 mΩ small signal MOSFET in SOT23 105 13 |