| データシートサーチシステム |
|
LSF0108 データシート(PDF) 10 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
LSF0108 データシート(HTML) 10 Page - Nexperia B.V. All rights reserved |
|
10 / 234 page ![]() New products Bipolar transistors Category Device Description Page General purpose bipolar transistors BC816-16 / -25 increased max voltage: 80 V, 500 mA NPN general-purpose transistors in SOT23 18 BC816-16W /-25W increased max voltage: 80 V, 500 mA NPN general-purpose transistors in SOT323 18 BC847AQB / BQB / CQB 45 V, 100 mA NPN general-purpose transistors in DFN1110D-3 (SOT8015) with side-wettable flanks 18 BC847AQC / BQC / CQC 45 V, 100 mA NPN general-purpose transistors in DFN1412D-3 (SOT8009) with side-wettable flanks 18 BC817-16QB/-25QB/-40QB 45 V, 500 mA NPN general-purpose transistors in DFN1110D-3 (SOT8015) with side-wettable flanks 18 BC817-16QC/-25QC/-40QC 45 V, 500 mA NPN general-purpose transistors in DFN1412D-3 (SOT8009) with side-wettable flanks 18 BC806-16 / -25 Increased max voltage: 80 V, 500 mA PNP general-purpose transistors in SOT23 19 BC806-16W /-25W Increased max voltage: 80 V, 500 mA PNP general-purpose transistors in SOT323 19 BC857AQB / BQB / CQB 45 V, 100 mA PNP general-purpose transistors in DFN1110D-3 (SOT8015) with side-wettable flanks 18 BC857AQC / BQC / CQC 45 V, 100 mA PNP general-purpose transistors in DFN1412D-3 (SOT8009) with side-wettable flanks 18 BC807-16QB/-25QB/-40QB 45 V, 500 mA PNP general-purpose transistors in DFN1110D-3 (SOT8015) with side-wettable flanks 18 BC817-16QC/-25QC/-40QC 45 V, 500 mA PNP general-purpose transistors in DFN1412D-3 (SOT8009) with side-wettable flanks 18 BCP54T/-10T/-16T 45 V, 1A NPN Power transistors in SOT223 21 BCX54T/-10T/-16T 45 V, 1A NPN Power transistors in SOT89 21 BCP55T/-10T/-16T 60 V, 1 A NPN Power transistors in SOT223 21 BCX55T/-10T/-16T 60 V, 1 A NPN Power transistors in SOT89 21 BCP56T/-10T/-16T 80 V, 1A NPN Power transistors in SOT223 21 BCX56T/-10T/-16T 80 V, 1A NPN Power transistors in SOT89 21 BCP51T/-10T/-16T 45 V, 1A PNP Power transistors in SOT223 21 BCX51T/-10T/-16T 45 V, 1A PNP Power transistors in SOT89 21 BCP52T/-10T/-16T 60 V, 1 A PNP Power transistors in SOT223 21 BCX52T/-10T/-16T 60 V, 1 A PNP Power transistors in SOT89 21 BCP53T/-10T/-16T 80 V, 1A PNP Power transistors in SOT223 21 BCX53T/-10T/-16T 80 V, 1A PNP Power transistors in SOT89 21 Power bipolar transistors MJD44H11 80 V , 8A NPN Power bipolar transistor in DPAK 22 MJD45H11 80 V , 8A PNP Power bipolar transistor in DPAK 22 MJD44H11A 80 V , 8A NPN Automotive power bipolar transistor in DPAK 22 MJD45H11A 80 V , 8A PNP Automotive power bipolar transistor in DPAK 22 MJD31C 100 V, 3A NPN Power bipolar transistor in DPAK 22 MJD32C 100 V, 3A PNP Power bipolar transistor in DPAK 22 MJD31CA 100 V, 3A NPN Automotive power bipolar transistor in DPAK 22 MJD32CA 100 V, 3A PNP Automotive power bipolar transistor in DPAK 22 As an innovative company we invest significantly in R&D, and continually expand our portfolio with the latest generation of technology and products. Here is a snapshot of our most recent releases, but don't forget to visit the website for the most up-to-date information - www.nexperia.com Nexperia selection guide 2020 10 |