| データシートサーチシステム |
|
LSF0108 データシート(PDF) 116 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
LSF0108 データシート(HTML) 116 Page - Nexperia B.V. All rights reserved |
|
116 / 234 page ![]() Automotive analog & logic ICs Bus switches Type number Description Features Package (suffix) 74CB3Q3257-Q100 4-bit 1-of-2 mux/demux with charge pump 2.3 - 3.6 3.3 4 -40 to 85 • 74CBTLV3125-Q100 Quad bus switch 2.3 - 3.6 3.3 7 -40 to 125 • 74CBTLV3126-Q100 Quad bus switch 2.3 - 3.6 3.3 7 -40 to 125 • • 74CBTLV3253-Q100 Dual 4:1 mux/demux 2.3 - 3.6 3.3 7 -40 to 125 • • • 74CBTLV3257-Q100 Quad 2:1 mux/demux 2.3 - 3.6 3.3 7 -40 to 125 • • • 74CBTLV3245-Q100 Octal bus switch 2.3 - 3.6 3.3 7 -40 to 125 • • 74CBTLVD3245-Q100 Octal bus switch level translator 3.0 - 3.6 1.8 7 -40 to 125 • • CBT3245A-Q100 Octal bus switch 4.0 - 5.5 3.9 7 -40 to 85 • • • Digital decoders/Demultiplexers Type number Description Features Package (suffix) 74AHC138-Q100 3-to-8 line decoder/demultiplexer; inverting 2.0 - 5.5 ± 8 4.4 -40 to 125 • • • 74AHCT138-Q100 3-to-8 line decoder/demultiplexer; inverting; TTL-enabled 4.5 - 5.5 ± 8 4.4 -40 to 125 • • • 74AHC139-Q100 Dual 2-to-4 line decoder/demultiplexer 2.0 - 5.5 ± 8 3.9 -40 to 125 • • 74AHCT139-Q100 Dual 2-to-4 line decoder/demultiplexer; TTL-enabled 4.5 - 5.5 ± 8 3.6 -40 to 125 • • 74HC237-Q100 3-to-8 decoder/demultiplexer with address latches 2.0 - 6.0 ± 5.2 18 -40 to 125 • 74HC138-Q100 3-to-8 line decoder/demultiplexer; inverting 2.0 - 6.0 ± 5.2 12 -40 to 125 • • • 74HCT138-Q100 3-to-8 line decoder/demultiplexer; inverting; TTL-enabled 4.5 - 5.5 ± 4 19 -40 to 125 • • • 74HC139-Q100 Dual 2-to-4 line decoder/demultiplexer 2.0 - 6.0 ± 5.2 14 -40 to 125 • • 74HCT139-Q100 Dual 2-to-4 line decoder/demultiplexer; TTL-enabled 4.5 - 5.5 ± 4 16 -40 to 125 • • 74HC238-Q100 3-to-8 decoder/demultiplexer 2.0 - 6.0 ± 5.2 14 -40 to 125 • • • 74HCT238-Q100 3-to-8 decoder/demultiplexer; TTL-enabled 4.5 - 5.5 ± 4 18 -40 to 125 • • • 74LVC138A-Q100 3-to-8 line decoder/demultiplexer; inverting 1.2 - 3.6 ± 24 2.7 -40 to 125 • • • HEF4555B-Q100 Dual 1-to-4 line decoder/demultiplexer 3.0 - 15 ± 2.4 30 -40 to 85 • Types in bold represent new products Nexperia selection guide 2020 116 |