| データシートサーチシステム |
|
LSF0108 データシート(PDF) 134 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
LSF0108 データシート(HTML) 134 Page - Nexperia B.V. All rights reserved |
|
134 / 234 page ![]() Automotive analog & logic ICs Level shifters/Translators Type number Description Features Package (suffix) 74AUP1T34-Q100 Single dual supply translating buffer 1.1 - 3.6 1.1 - 3.6 ± 1.9 -40 to 125 • • 74AVC1T45-Q100 Single dual-supply voltage level translating transceiver (3-state) 0.8 - 3.6 0.8 - 3.6 ± 12 -40 to 125 • • 74AVC2T45-Q100 Dual-bit dual-supply voltage level translating transceiver (3-state) 0.8 - 3.6 0.8 - 3.6 ± 12 -40 to 125 • • • 74AVC2T245-Q100 2-bit dual supply configurable translating transceiver (3-state) 0.8 - 3.6 0.8 - 3.6 ± 12 -40 to 125 • 74AVCH1T45-Q100 Single dual-supply voltage translating transceiver with bus hold (3-state) 0.8 - 3.6 0.8 - 3.6 ± 12 -40 to 125 • 74AXP1T57-Q100 Dual-supply translating configurable multiple function gate, Schmitt-trigger inputs 0.7 - 2.75 1.2 - 5.5 ± 12 -40 to 125 • 74AXP2T08-Q100 Dual-supply 2-input AND gate 0.7 - 2.75 1.2 - 5.5 ± 12 -40 to 125 • 74LVC1T45-Q100 Single dual-supply voltage level translating transceiver (3-state) 1.2 - 5.5 1.2 - 5.5 ± 24 -40 to 125 • • 74LVCH1T45-Q100 Single dual-supply voltage translating transceiver with bus hold (3-state) 1.2 - 5.5 1.2 - 5.5 ± 24 -40 to 125 • 74LVC2T45-Q100 Dual-bit dual-supply voltage level translating transceiver (3-state) 1.2 - 5.5 1.2 - 5.5 ± 24 -40 to 125 • • • 74LVCH2T45-Q100 Dual-bit dual-supply voltage level translating transceiver with bus hold (3-state) 1.2 - 5.5 1.2 - 5.5 ± 24 -40 to 125 • Types in bold represent new products Nexperia selection guide 2020 134 |