| データシートサーチシステム |
|
STSAFE-S320 データシート(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STSAFE-S320 データシート(HTML) 21 Page - STMicroelectronics |
|
21 / 32 page ![]() Smartphones are able to take high quality photos thanks to high-performance, multi-megapixel sensors, as well as devices that help compensate for shaking, adapt to ambient light levels, and optimize camera focus. The latest smartphones integrate several cameras, many of which require optical stabilization. ST offers MEMS IMUs, widely used for the OIS (optical image stabilization). Many system topologies can be adopted to enable OIS in smartphones, including those based on STM32 MCUs. One main I3C / SPI / I2C AP 6X One Aux SPI OIS master #1 OIS sub 1 #2 Camera modules #3 OIS sub 2 Target value Supporting 3 OIS camera system by adding sub controllers Main I3C / SPI / I2C AP 6X OIS / EIS Aux SPI #1 #2 #N OIS OIS OIS OIS controller embedded on AP UI / OIS / EIS Serial bus option 1 Serial bus option 2 Camera modules Platform-based OIS One main I3C / SPI / I2C AP 6X One Aux SPI OIS master #1 OIS sub 1 #2 Camera modules #3 OIS sub 2 #4 OIS sub 3 Supporting multiple OIS camera system by adding sub controllers Single 6x IMU for addressing multiple camera One main I3C / SPI / I2C AP MCU Target value 6X U/I OIS / EIS One Aux SPI OIS / EIS OIS #1 OIS #2 OIS #N 21 Camera Subsystem |