データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STSWC58 データシート(PDF) 17 Page - STMicroelectronics

部品番号 STSWC58
部品情報  ST portfolio for smartphone platforms
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSWC58 データシート(HTML) 17 Page - STMicroelectronics

Back Button STSWC58 Datasheet HTML 13Page - STMicroelectronics STSWC58 Datasheet HTML 14Page - STMicroelectronics STSWC58 Datasheet HTML 15Page - STMicroelectronics STSWC58 Datasheet HTML 16Page - STMicroelectronics STSWC58 Datasheet HTML 17Page - STMicroelectronics STSWC58 Datasheet HTML 18Page - STMicroelectronics STSWC58 Datasheet HTML 19Page - STMicroelectronics STSWC58 Datasheet HTML 20Page - STMicroelectronics STSWC58 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
The unique STMicroelectronics portfolio of MEMS sensors supports OEM and ODM in enabling all
the most advanced user interaction functionalities. Starting from accurate calculation of acceleration
(linear or angular), velocity, and object position, MEMS sensors help recognize player actions as well
detect special conditions and movements like nearing phones to ears for call answering. ST has the
broadest offer of motion sensors, including accelerometers and 6-axis inertial measurement units
(IMU).
Manufactured with our innovative MEMS silicon technologies, they all feature ultralow power
consumption and high accuracy and stability over time and temperature variations. The latest
applications also pressure sensors to add advanced capabilities to mobile phones and their linked
accessories, such as Wireless E911 location. To complete the offering on UI, ST includes smart reset
devices able to extend the functionality of existing phone buttons by enabling hidden features (hard
reset, factory reset, etc). Together with partners, ST is able to offer a force sensor solution (ST offers
a dedicated 8-channel standalone strain gauge controller) to emulate physical sensors and enable
full waterproof designs.
Note *: Product not released on st.com. Please contact the marketing owner
VBGA43 3.5x3.5x0.6mm thickness, 0.5mm pitch
MUX
PGA
ADC
Drive circuit - FSR1AD04*
Analog
voltage out
Processor
Proprietary touch
algorithm
Driver
OS
Application
Host controller
Digital
force data
17
UI
Subsystem



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32