| データシートサーチシステム |
|
STSW-WLC38FWBPP データシート(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STSW-WLC38FWBPP データシート(HTML) 24 Page - STMicroelectronics |
|
24 / 32 page ![]() 24 CAMERA SUBSYSTEM BILL OF MATERIAL M24C64X-FCU M24128X-FCU M24256X-F M24512X-FCU* LDLN025 LD59030 LD57100 LD56100 LD39130S LD56050 VD6283 VD6282 VL53L1CA VL53L3CA VL53L4CA VL53L5CA VL53L8CA VD55H1 STM32G0 ALS MCU TOF ESDARF02-1BU2CK ECMF2-40A100N6 ECMF4-2450A60N10 Protection LDO Memory VD56G3 VD55G0 GS Camera Note *: Product not released yet. Please contact the the local sales representative • X-NUCLEO-6283A1 (6-channel ambient light sensor, with flicker extraction expansion board based on VD6283 for STM32 Nucleo) • P-NUCLEO-53L4A2 (L53L4CX STM32 Nucleo pack with X-NUCLEO-53L4A2 expansion board and NUCLEO-F401RE development board) • P-NUCLEO-53L3A2 (ranging sensor Nucleo pack based on VL53L3CX for STM32 Nucleo) • P-NUCLEO-53L5A1 (expansion pack for VL53L5CX) • X-NUCLEO-53L3A2 (ranging sensor expansion board based on VL53L3CX for STM32 Nucleo) • X-NUCLEO-53L5A1 (expansion board for VL53L5CX) • X-NUCLEO-53L4A2 (Time-of-Flight sensor with extended range measurement expansion board based on the VL53L4CX for STM32 Nucleo) • VL53L3CX-SATEL (breakout board with VL53L3CX detection ToF ranging sensor for easy integration in customer devices) • VL53L5CX-SATEL (breakout boards for VL53L5CX) TURNKEY SOLUTIONS • X-CUBE-ALS + STSW-IMG301 (ambient light sensor software for STM32Cube and GUI) FW BASKET Note: Contact your sales representative to access to our latest solutions optimized for wireless applications |