| データシートサーチシステム |
|
STSW-WBC86FWBPP データシート(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STSW-WBC86FWBPP データシート(HTML) 22 Page - STMicroelectronics |
|
22 / 32 page ![]() 22 SMARTPHONE CAMERA SUBSYSTEM BLOCK DIAGRAM Ambient light sensors (ALS) can be used with front and rear cameras to help to evaluate the light source, optimize the white balance, and compensate for light source flicker. STMicroelectronics offers a family of high-accuracy and target-reflectance-independent Time-of-Flight (ToF) ranging sensors as well as a new high-resolution 3D Time-of-Flight camera. ST pioneered highvolume production of fully integrated miniature direct ToF products. The products feature a vertical cavity surface emission laser (VCSEL) logic implementing a ranging algorithm, an array of single photon avalanche diode (SPAD) detectors, and an ultralow power ranging architecture that is perfectly suited to the assisting camera focus algorithm. In addition to laser autofocus assist, FlightSense sensors can address other use cases, including touch-to-focus and scene understanding enhancement. The introduction of the high-resolution indirect ToF sensors enable exciting new use cases, including support for photographic Bokeh effect as well as high-performance face identification to enable secure phone unlock and support secure payments. Back cameras domain Lens actuators EEPROM Camera #n Protection MCU A+G Lens actuators EEPROM Camera #1 Protection VCSEL + LDD EEPROM iToF sensor ToF LDO ALS Vbat Protection Application processor Front cameras domain EEPROM Camera Protection VCSEL + LDD EEPROM iToF sensor Proximity LDO Protection Vbat Face authentication EEPROM GS camera Protection VCSEL + LDD EEPROM iToF sensor Proximity LDO Protection Vbat ALS AND TOF |