データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STSW-IMG301 データシート(PDF) 4 Page - STMicroelectronics

部品番号 STSW-IMG301
部品情報  ST portfolio for smartphone platforms
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSW-IMG301 データシート(HTML) 4 Page - STMicroelectronics

  STSW-IMG301 Datasheet HTML 1Page - STMicroelectronics STSW-IMG301 Datasheet HTML 2Page - STMicroelectronics STSW-IMG301 Datasheet HTML 3Page - STMicroelectronics STSW-IMG301 Datasheet HTML 4Page - STMicroelectronics STSW-IMG301 Datasheet HTML 5Page - STMicroelectronics STSW-IMG301 Datasheet HTML 6Page - STMicroelectronics STSW-IMG301 Datasheet HTML 7Page - STMicroelectronics STSW-IMG301 Datasheet HTML 8Page - STMicroelectronics STSW-IMG301 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
Smartphones are the most commony used computing devices. They exhibit powerful hardware
capabilities and complex operating systems, allowing advanced features and AI applications,
internet and cloud access, image and video acquisition, gaming, and core phone functions such as
voice calls and SMS. To perform such a variety of applications, smartphones must include many
devices, including a large set of sensors ( MEMS and Imaging) and devices to support several
wireless communications protocols like Bluetooth, Wi-Fi, UWB, NFC, 4G/5G.
STMicroelectronics is a leading semiconductor supplier in the mobile industry whitch provides
solutions for both mobile platform suppliers and mobile device manufacturers (OEM/ODM), with
focus on specific high-volume applications.
SMARTPHONE PLATFORM
The technologies in all modern smartphones enable many applications and can be quite complex in terms of system design.
The hearth of this platform is the application processor (AP) which ST does not supply but offers many devices to cover most
of the remaining system.
To better represent the smartphone platform, we can divide it into subsystems (main functional domains, as illustrated below),
so we can analyze each subsystem separately. Besides the AP, a modern smartphone can be represented by the following set
of functional blocks domains: Display domain, UI domain, Power domain, Audio domain, Connectivity domain, RF domain,
Memory domain, and cameras domain.
Processor Unit
UI & Sensors
Power
Management
Audio
Wireless
Connectivity
RF Module
SIM/Memory
Display/
Touchscreen
Back Camera
Front Camera
Face ID
4
Introduction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32