| データシートサーチシステム |
|
L99VR02XP データシート(PDF) 8 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L99VR02XP データシート(HTML) 8 Page - STMicroelectronics |
|
8 / 50 page ![]() 2.2.2 Thermal protection Table 5. Temperature threshold Item Symbol Parameter Test condition Min Typ Max Unit A.003 Tprot Thermal protection temperature(1) 175 - 205 °C A.004 Tprot_hyst Thermal protection hysteresis - 11 - °C A.005 TJ Operating junction temperature TJ -40 - 175 °C A.006 Tstg Storage temperature Tstg - - 150 °C 1. Thermal protection is guaranteed by design and characterization. L99VR02XP Electrical specifications DS14686 - Rev 1 page 8/50 |