データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DFR0010 データシート(PDF) 4 Page - DFROBOT

部品番号 DFR0010
部品情報  Arduino Nano 328 (SKU: DFR0010)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DFROBOT [DFROBOT]
ホームページ  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0010 データシート(HTML) 4 Page - DFROBOT

  DFR0010 Datasheet HTML 1Page - DFROBOT DFR0010 Datasheet HTML 2Page - DFROBOT DFR0010 Datasheet HTML 3Page - DFROBOT DFR0010 Datasheet HTML 4Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
The DFRduino Duemilanove 168 (SKU:DFR0002) or DFRduino Duemilanove 328 (SKU:DFR0001)
on the DFRduino Nano comes preburned with a bootloader that allows you to upload new code to it
without the use of an external hardware programmer. It communicates using the original STK500
protocol (reference, C header files).
You can also bypass the bootloader and program the microcontroller through the ICSP (In-Circuit
Serial Programming) header; see these instructions for details.
Automatic (Software) Reset
Rather then requiring a physical press of the reset button before an upload, the DFRduino Nano is
designed in a way that allows it to be reset by software running on a connected computer. One of
the hardware flow control lines (DTR) of the FT232RL is connected to the reset line of the
ATmega168 or ATmega328 via a 100 nanofarad capacitor. When this line is asserted (taken low),
the reset line drops long enough to reset the chip. The DFRduino software uses this capability to
allow you to upload code by simply pressing the upload button in the DFRduino environment. This
means that the bootloader can have a shorter timeout, as the lowering of DTR can be well-
coordinated with the start of the upload.
This setup has other implications. When the Nano is connected to either a computer running Mac
OS X or Linux, it resets each time a connection is made to it from software (via USB). For the
following half-second or so, the bootloader is running on the Nano. While it is programmed to ignore
malformed data (i.e. anything besides an upload of new code), it will intercept the first few bytes of
data sent to the board after a connection is opened. If a sketch running on the board receives one-
time configuration or other data when it first starts, make sure that the
Powered By DFRobot © 2008-2017



Html Pages

1 2 3 4