データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DFR0071 データシート(PDF) 4 Page - DFROBOT

部品番号 DFR0071
部品情報  SD Module (SKU: DFR0071)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DFROBOT [DFROBOT]
ホームページ  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0071 データシート(HTML) 4 Page - DFROBOT

  DFR0071 Datasheet HTML 1Page - DFROBOT DFR0071 Datasheet HTML 2Page - DFROBOT DFR0071 Datasheet HTML 3Page - DFROBOT DFR0071 Datasheet HTML 4Page - DFROBOT DFR0071 Datasheet HTML 5Page - DFROBOT DFR0071 Datasheet HTML 6Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
; // wait for serial port to connect. Needed for Leonardo only
}
Serial.print("\nInitializing SD card...");
// On the Ethernet Shield, CS is pin 4. It's set as an output by default.
// Note that even if it's not used as the CS pin, the hardware SS pin
// (10 on most Arduino boards, 53 on the Mega) must be left as an output
// or the SD library functions will not work.
pinMode(10, OUTPUT);
// change this to 53 on a mega
// we'll use the initialization code from the utility libraries
// since we're just testing if the card is working!
if (!card.init(SPI_HALF_SPEED, chipSelect)) {
Serial.println("initialization failed. Things to check:");
Serial.println("* is a card is inserted?");
Serial.println("* Is your wiring correct?");
Serial.println("* did you change the chipSelect pin to match your shield
or module?");
return;
} else {
Serial.println("Wiring is correct and a card is present.");
}
// print the type of card
Serial.print("\nCard type: ");
switch(card.type()) {
case SD_CARD_TYPE_SD1:
Serial.println("SD1");
break;
case SD_CARD_TYPE_SD2:
Serial.println("SD2");
break;



Html Pages

1 2 3 4 5 6