データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DFR0094 データシート(PDF) 2 Page - DFROBOT

部品番号 DFR0094
部品情報  Digital IR Receiver Module (SKU:DFR0094)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DFROBOT [DFROBOT]
ホームページ  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0094 データシート(HTML) 2 Page - DFROBOT

  DFR0094 Datasheet HTML 1Page - DFROBOT DFR0094 Datasheet HTML 2Page - DFROBOT DFR0094 Datasheet HTML 3Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Wiring Diagram
The following image shows a suggested connection method. You may use any Digital I/O pin that is
not in use by another device.
NOTE: In the sample code below Digital pin 11 is in use, you may either change your wiring or
change the sample code to match.
Sample Code
IR Receiver test code:
/*
* IRremote: IRrecvDemo - demonstrates receiving IR codes with IRrecv
* An IR detector/demodulator must be connected to the input RECV_PIN.
* Version 0.1 July, 2009
* Copyright 2009 Ken Shirriff
* http://arcfn.com



Html Pages

1 2 3