データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DFR0259 データシート(PDF) 2 Page - DFROBOT

部品番号 DFR0259
部品情報  Arduino RS485 Shield SKU: DFR0259
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DFROBOT [DFROBOT]
ホームページ  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0259 データシート(HTML) 2 Page - DFROBOT

  DFR0259 Datasheet HTML 1Page - DFROBOT DFR0259 Datasheet HTML 2Page - DFROBOT DFR0259 Datasheet HTML 3Page - DFROBOT DFR0259 Datasheet HTML 4Page - DFROBOT DFR0259 Datasheet HTML 5Page - DFROBOT DFR0259 Datasheet HTML 6Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
6 analog IO port and power
Operation/programming mode switch
Automatic/manual transceiver mode switch (When in manual transceiver mode, the enable end is
the 2nd digital IO port)
Transceiver indicating LED
Standard RS485 interface, mini RS485 interface(PH2.0) and RS485 pins
Weldable area
Reset button
Pin Definition
Operation and programming mode switch: To OFF, you can download the program for the
Arduino controller. To ON , the shield will convert the UART to the RS485.
Transceiver mode switch: To AUTO, the shield is automatically sending and receiving data, so you
do not care about operation timing; To MANU, the shield is in manual transceiver status, and the
enable end is the 2nd digital IO port. Enabling high-side power Ping to sending state while the low
level of the receiving state.



Html Pages

1 2 3 4 5 6