| データシートサーチシステム |
|
MF-RHT200-AP データシート(PDF) 4 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
MF-RHT200-AP データシート(HTML) 4 Page - Bourns Electronic Solutions |
|
4 / 4 page ![]() IEC EIA Dimensions Dimension Description Mark Mark Dimensions Tolerance Reel diameter da max. Space between flanges less device W1 h Arbor hole diameter fc Core diameter hn max. Box Consecutive missing places 3 max. Empty places per reel Not specified MF-RHT Series Tape and Reel Specifications Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. t User direction of feed Cross section A - B p p H H1 Reference plane W0 H0 W1 W A B F D0 P0 I1 I2 L H1 P1 h h h w h f d Reel Upper side Tape Lower side User direction of feed Reel Dimensions - Figure 2 Taped Component Dimensions - Figure 1 26 (1.024) 80 (3.15) ±12.0 (±.472) DIMENSIONS = MM (INCHES) 64 (2.52) 372 (14.6) 372 (14.6) 370 (14.57) 4.75 (.187) ±3.25 (±.128) |