| データシートサーチシステム |
|
DFR0343 データシート(PDF) 4 Page - DFROBOT |
|
|
|||||||||||||||||||||||||||||
DFR0343 データシート(HTML) 4 Page - DFROBOT |
|
4 / 4 page ![]() uHex_FTDI_connection_diagram Sample Code Low power Consumption Application Please download the Arduino library microPoly Library first. https://github.com/LeoYan/ArduinoLib/tree/master/microPoly -Wake up by Interrupt Code: pinTrigger.ino Function: The uHex is in sleep state until pin2=LOW and pin3=HIGH. Once waked, the LED on the board will flash for some seconds and then go to sleep again. -Wake up by Timer Code: timerTrigger.ino Function:The uHex is waked by period timer (using watchdog timer). Once waked, the LED on the board will flash for some seconds and then go to sleep again. -Integrated Application Code: measure.ino Function: 1. The uHex is in sleep state until Timer is overtime or Button is pressed 2. The uHex sample data every 1 minute. If button is pressed the average data will be display on the LCD screen. After some seconds, it will go to sleep again. General Application In the scope of uHex ports, the program from Arduino UNO/Pro Mini can be run on the uHex. Powered By DFRobot © 2008-2017 |