| データシートサーチシステム |
|
STHS2375LM6F データシート(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STHS2375LM6F データシート(HTML) 6 Page - STMicroelectronics |
|
6 / 20 page ![]() Summary description STHS237x 6/20 Figure 1. Logic diagram 1. STHS2376A/L devices only. 1. STHS2376A/L devices only, for other part types No Connect. Figure 2. STHS2375A/L, STHS2377A/L pin connections (top view) Figure 3. STHS2376A/L pin connections (top view) Table 2. Signal names Pin Symbol Description 1ILIM Inrush Current Limit resistor 2 CLASS Classification resistor 3 DET Powered Device Detection resistor 4VSS Ground on the input side; return power line to PSE 5 RTN Return power output, negative rail 6 PG Power Good Output, open drain, active-high (referenced to RTN) 7UVLO (1) Programmable Undervoltage Lockout input pin 8VDD Positive Power Supply; common input/output power rail AI12241 VDD STHS2375A/L STHS2376A/L STHS2377A/L VSS UVLO(1) ILIM CLASS RTN DET PG ILIM CLASS DET VSS VDD NC RTN AI12238 PG 1 2 3 4 8 7 6 5 ILIM CLASS DET VSS VDD UVLO RTN AI12239 PG 1 2 3 4 8 7 6 5 |