データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TIP147 データシート(PDF) 3 Page - Multicomp Pro

部品番号 TIP147
部品情報  Darlington Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MULTICOMP [Multicomp Pro]
ホームページ  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

TIP147 データシート(HTML) 3 Page - Multicomp Pro

  TIP147 Datasheet HTML 1Page - Multicomp Pro TIP147 Datasheet HTML 2Page - Multicomp Pro TIP147 Datasheet HTML 3Page - Multicomp Pro TIP147 Datasheet HTML 4Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Page <3>
V1.0
01/04/20
Darlington Transistors
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
There are two limitations on the power handling ability of a transistor:
average junction temperature and second breakdown safe operating
area curves indicate Ic - Vce limits of the transistor that must be
observed for reliable operation i.e., the transistor must not be subjected
to greater dissipation than curves indicate.
The data of SOA curve is base on Tj (PK) = 150°C; Tc is variable
depending on conditions. At high case temperatures, thermal limitation
will reduce the power that can be handled to values less than the
limitations imposed by second breakdown



Html Pages

1 2 3 4