| データシートサーチシステム |
|
MFS5600AMBA0ES データシート(PDF) 2 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MFS5600AMBA0ES データシート(HTML) 2 Page - NXP Semiconductors |
|
2 / 8 page ![]() NXP Communicator NXP Distribution Partners Internal Use Only www.nxp.com 2 FS56 Product Summary The FS5600 Power Management IC for Automotive features a battery connected DC- DC buck controller with external FET and a battery connected DC-DC buck controller with internal FET. In addition, it offers functional safety features such as independent voltage monitors, windowed watchdog timer, I/O monitoring via ERRMON and FCCU and built-in-self test. The FS5600 is offered in QM, ASIL B and Enhanced ASIL B versions. The FS5600 offers highly configurable General Purpose Input/Outputs for seamless operation with PF PMICs as PF8x, PF7x and PF5x families. The FS5600 presents an optimized architecture for automotive with low-power modes and EMC minimizing as spread spectrum, frequency tuning and synchronization. Functional Block Diagram FS56 Figure 1 |