| データシートサーチシステム |
|
640468 データシート(PDF) 76 Page - TE Connectivity Ltd |
|
|
|||||||||||||||||||||||||||||
640468 データシート(HTML) 76 Page - TE Connectivity Ltd |
|
76 / 84 page ![]() 76 Manual Arbor Frame (with slide) Part Number 1583518-1* Upper Tooling Part Number 1583514-1* Fixture, Discrete Wire, Closed End Part Number 1583515-1 (28-26 AWG) Part Number 1583515-2 (30-28 AWG) Fixture, Discrete Wire, Feed-Thru Part Number 1583516-1 (28-26 AWG) Part Number 1583516-2 (30-28 AWG) Fixture, Ribbon Cable, Closed End or Feed-Thru Part Number 1583517-1 *Required, plus appropriate Fixture(s). One-At-A-Time Termination Tooling Part Numbers Note: Max. Insulation Outside Diameter Wire: .060 [1.52] for MTA-100 Connectors /.095 [2.41] for MTA-156 Connectors MTA-100 and MTA-156 Mass Termination Tooling Part Numbers Note: Max. Insulation Outside Diameter Wire: .050 [1.27] for MTA-100 Connectors /.070 [1.78] for MTA-156 Connectors Harness Board Holding Fixture Interchangeable Head MTA Connector Interchangeable Head Used With and Tape Feed Track Assembly Part Number Used With Part Number Applicator Tooling Part Number Used With Assembly Assembly Closed End —— 58242-1 — 854175-1 & 312522-1 58242-3 58575-1 854200-1 (Base) Feed Thru 58644-1 (Discrete Wire)† 58074-1 (Man Hd Tl) 58243-1 — —— MTA-100 58644-2 (Notched Cable)† 58243-3 58575-1 Connector Closed End —— 58635-1 58575-1 —— (Posted) Feed Thru —— 58636-1 58575-1 —— (Posted) Closed End —— 58244-1 — 854176-1 & 312522-1 58244-3 58576-1 854200-1 (Base) Feed Thru 58646-1 (Discrete Wire)†† 58074-1 (Man Hd Tl) 58245-1 — —— MTA-156 58646-2 (Notched Cable)†† 58245-3 58576-1 Connector Card Edge —— 59848-1 — —— 59848-3 58576-1 Closed End —— 58009-1 — —— (Posted) 58009-2 58576-1 Feed Thru —— 58010-2 58576-1 —— (Posted) Manual Bench Closed End —— 58244-1 — Tool 58024-1 —— 58244-3 58576-1 and Tooling MTA-156 Assy 58040-1 Quad 58245-1 — 58024-1 and Feed Thru —— Tooling Assy —— 58245-3 58576-1 58040-1 † 2- through 12-positions. †† 2- through 8-positions. Manual Bench Tool 58024-1 and Tooling Assembly 58039-1 Manual Bench Tool 58024-1 and Tooling Assembly 58040-1 Interchangeable Head and Interchangeable Head and Interchangeable Head Loose-Piece Feed Track Tape Feed Track T-Handle MTA Connector Manual Hand Tool 58074-1 Air Bench Mount Air Bench Mount Special Maintenance Assembly Air Hand Tool 58075-1 Tool 58338-1 Tool 58338-1 Applicator Tool Air Bench Mount Tool 58338-1 Electric Bench Electric Bench Electric Bench Machine 931800-1 Machine 931800-1 Machine 931800-1 MTA-50 Closed End 1583503-1 —— — — Feed Thru Closed 58246-1 (Standard)*n 853546-1 & 853542-1 End 58246-2 (Ext Wear)* 933567-1 466728-1 59803-1 MTA-100 58246-3 (Ribbon Cable) (Base) Connector Feed Thru 58442-1 —— — 59803-1 Posted 58638-1 —— — 59803-1 (Closed-End) Closed 58247-1 (Standard)** 853547-1 & 853542-1 End 58247-2 (Ext Wear) 933568-1 466727-1 59804-1 MTA-156 58247-3 (Ribbon Cable) (Base) Connector Feed Thru 58443-1 —— — 59804-1 Posted 58082-1 —— — 59804-1 (Closed-End) MTA-156 Closed 58061-1 —— 567020-1 59839-1 Card-Edge End MTA-156 Closed 58392-1 —— — 59804-1 Quad End *Repair Kit 856600-1 **Repair Kit 856600-2 Notes: 1. A repair kit consists of a cam, a feed-slide sub-assembly and a locating pawl. Repair kits can be made available for other inter- changeable heads. Consult Tyco Electronics. 2. Standard modular heads 58246-1 and 58247-1 are recommended for low volume use. 3. Extended wear modular heads 58246-2 and 58247-2 are recommended for high volume use. 4. T-Handle Maintenance Tools are for maintenance (field) use only. They are not rec- ommended for production. 5. Some Manual Hand Tool Assemblies are available: a. Order 58579-1, comprised of Head 58246-1 with Manual Hand Tool 58074-1. b. Order 58580-1, comprised of Head 58247-1 with Manual Hand Tool 58074-1. c. Order 58639-1, comprised of Head 58638-1 with Manual Hand Tool 58074-1. MTA-50 Mass Termination Tooling Part Numbers MTA Application Tooling Options MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors Catalog 82056 Dimensions are in inches and Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 6-08 millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 52-55-1106-0800 Japan: 81-44-844-8013 www.tycoelectronics.com are metric equivalents. to change. C. America: 57-1-254-4444 UK: 44-208-420-8341 |