| データシートサーチシステム |
|
STTS75M2E データシート(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STTS75M2E データシート(HTML) 11 Page - STMicroelectronics |
|
11 / 38 page ![]() STTS75 Operation 11/38 2.1 Applications information STTS75 digital Temperature Sensors are optimal for thermal management and thermal protection applications. They require no external components for operations except for pull- up resistors on SCL, SDA, and OS/INT outputs. A 0.1µF bypass capacitor is recommended. The sensing device of STTS75 is the chip itself. The typical interface connection for this type of digital sensor is shown in Figure 4 on page 11. Intended Applications include: ● System Thermal Management ● Computers/Disk Drivers ● Electronics/Test Equipment ● Power Supply Modules ● Consumer Products ● Battery Management ● FAX/Printers Management ● Automotive Figure 4. Typical 2-wire interface connection diagram 1. SDA and OS/INT are open drain. AI11832 Pull-up VDD O.S./INT (1) VDD VDD Master Device 0.1 μF STTS75 SCL GND SDA (1) Pull-up VDD 10k Ω 10k Ω 10k Ω A0 A1 A2 I 2 C Address = 1001000 (1001A2A1A0) |