| データシートサーチシステム |
|
DFR0600 データシート(PDF) 1 Page - DFROBOT |
|
|
|||||||||||||||||||||||||||||
DFR0600 データシート(HTML) 1 Page - DFROBOT |
|
1 / 3 page ![]() PYNQ-Z2 Development Board SKU:DFR0600 INTRODUCTION PYNQ-Z2 is a FPGA development board based on ZYNQ XC7Z020 FPGA, intensively designed to support PYNQ, a new open-sources framework that enables embedded programmers to explore the possibilities of xilinx ZYNQ SoCs without having to design programming logic circuits. Benefiting from programmable logic and advanced ARM processor in ZYNQ, designers can build up more powerful embedded systems with it. Besides, the SoCs can be programmed in Python and the code can be developed and tested directly on the PYNQ- Z2. The programmable logic circuits are imported as hardware libraries and programmed |
同様の部品番号 - DFR0600 |
|
同様の説明 - DFR0600 |