データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DFR0625 データシート(PDF) 2 Page - DFROBOT

部品番号 DFR0625
部品情報  ESP32-PICO-KIT Development Board
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DFROBOT [DFROBOT]
ホームページ  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0625 データシート(HTML) 2 Page - DFROBOT

  DFR0625 Datasheet HTML 1Page - DFROBOT DFR0625 Datasheet HTML 2Page - DFROBOT DFR0625 Datasheet HTML 3Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
 
 
At the core of this board is ESP32 chip, which is a single 2.4GHz WiFi and Bluetooth
combo chip designed with TSMC’s 40 nm ultra-low power technology. ESP32-PICO-D4
integrates all peripheral components seamlessly, including a crystal oscillator, flash,
filter capacitors and RF matching links in one single package. Given that on other
peripheral components are involved, module welding and testing is not required either.
For easy interfacing, all the IO signals and system power ESP32-PICO-D4 are led out
through two rows of 20×0.1” pitch header pads on both sides of the development board.
To make the ESP32-PICO-KIT easier for Dupont wires, 2 ×3 header pads grouped on
each side of the board besides the antenna are not populated and may be populated
later by the user if required. As such, ESP32-PICO-D4 reduces the complexity of the
supply chain and improves control efficiency.
SPECIFICATION
Wi-Fi
Protocols: 802.11 b/g/n (802.11n up to 150 Mbps)
A-MPDU and A-MSDU aggregation and 0.4 µs guard interval support
Frequency: 2.4 ~ 2.5 GHz



Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com