データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BYT13-600 データシート(PDF) 4 Page - STMicroelectronics

部品番号 BYT13-600
部品情報  FAST RECOVERY RECTIFIER DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BYT13-600 データシート(HTML) 4 Page - STMicroelectronics

  BYT13-600 Datasheet HTML 1Page - STMicroelectronics BYT13-600 Datasheet HTML 2Page - STMicroelectronics BYT13-600 Datasheet HTML 3Page - STMicroelectronics BYT13-600 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4/4
DO-201AD (Plastic)
PACKAGE MECHANICAL DATA
BA
E
E
ØD
ØD
ØC
B
note 2
note 1
note 1
REF.
DIMENSIONS
NOTES
Millimeters
Inches
Min.
Max.
Min.
Max.
A
9.50
0.374 1 - The lead diameter
∅ D is not controlled over zone E
2 - The minimum axial lengh within which the device may be
placed with its leads bent at right angles is 0.59"(15 mm)
B
25.40
1.000
∅ C
5.30
0.209
∅ D
1.30
0.051
E
1.25
0.049
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsIbility for the consequences
of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted
by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to
change without notice. This publication supersedes and replaces all information previously supplied.
STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval
of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
© 1998 STMicroelectronics - Printed in Italy - All rights reserved.
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - Canada - China - France - Germany - Italy - Japan - Korea - Malaysia - Malta - Mexico - Morocco -
The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A.
Marking : type number, white band indicates cathode
Cooling method : by convection (method A)
Weight : 1.166g
BYT13-600
→ 1000



Html Pages

1 2 3 4