| データシートサーチシステム |
|
AFE5804 データシート(PDF) 67 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AFE5804 データシート(HTML) 67 Page - Texas Instruments |
|
67 / 82 page ![]() CLKP CLKM Differential sine- wave clock input CLKP CLKM Differential LVPECL clock input DIFFERENTIAL CLOCK CONNECTIONS Rterm CLKP CLKM Differential LVDS clock input ADS529x 0.1 F m 0.1 F m ADS529x 0.1 F m 0.1 F m Rterm ADS529x Rterm 0.1 F m 0.1 F m SINGLE-ENDED CLOCK CONNECTIONS CLKP CLKM VCM ADS529x CMOS CLOCK IN 67 ADS5294 www.ti.com SLAS776E – NOVEMBER 2011 – REVISED APRIL 2018 Product Folder Links: ADS5294 Submit Documentation Feedback Copyright © 2011–2018, Texas Instruments Incorporated Typical Application (continued) The ADS5294 clock input can be driven by either a differential clocks (sine wave, LVPECL, or LVDS) or a singled clock(LVCMOS). In the single-ended case, TI recommends that the use of low jitter square signals (LVCMOS levels, 1.8-V amplitude). See TI document SLYT075 for further details on the theory. The jitter cleaner CDCM7005 SCAS793, CDCE72010 SLAS490, LMK04803 SNAS489 is suitable to generate the ADC clock of the ADS5294 and ensure the performance for the14-bit ADC with >75-dBFS SNR. Please note that the location of LVDS Rterm depends on the LVDS clock driver. Some clock devices require the Rterm at the left side of AC coupling capacitors. Figure 64. Single-Ended Clock Drive Circuit Figure 65. Differential Clock Drive Circuit |