| データシートサーチシステム |
|
ADS54RF63IPFPR データシート(PDF) 46 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
ADS54RF63IPFPR データシート(HTML) 46 Page - Texas Instruments |
|
46 / 50 page ![]() PACKAGE MATERIALS INFORMATION www.ti.com 15-Jul-2025 TRAY L - Outer tray length without tabs KO - Outer tray height W - Outer tray width P1 - Tray unit pocket pitch CW - Measurement for tray edge (Y direction) to corner pocket center CL - Measurement for tray edge (X direction) to corner pocket center Text Chamfer on Tray corner indicates Pin 1 orientation of packed units. *All dimensions are nominal Device Package Name Package Type Pins SPQ Unit array matrix Max temperature (°C) L (mm) W (mm) K0 (µm) P1 (mm) CL (mm) CW (mm) ADS5463IPFP PFP HTQFP 80 96 6 x 16 150 315 135.9 7620 18.7 17.25 18.3 ADS5463IPFPG4 PFP HTQFP 80 96 6 x 16 150 315 135.9 7620 18.7 17.25 18.3 ADS54RF63IPFP PFP HTQFP 80 96 6 x 16 150 315 135.9 7620 18.7 17.25 18.3 ADS54RF63IPFPG4 PFP HTQFP 80 96 6 x 16 150 315 135.9 7620 18.7 17.25 18.3 Pack Materials-Page 3 |