データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM263P4 データシート(PDF) 2 Page - Texas Instruments

部品番号 AM263P4
部品情報  AM263Px Sitara™ Microcontrollers with Optional Flash-in-Package
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI2 [Texas Instruments]
ホームページ  https://www.ti.com
Logo TI2 - Texas Instruments

AM263P4 データシート(HTML) 2 Page - Texas Instruments

  AM263P4 Datasheet HTML 1Page - Texas Instruments AM263P4 Datasheet HTML 2Page - Texas Instruments AM263P4 Datasheet HTML 3Page - Texas Instruments AM263P4 Datasheet HTML 4Page - Texas Instruments AM263P4 Datasheet HTML 5Page - Texas Instruments AM263P4 Datasheet HTML 6Page - Texas Instruments AM263P4 Datasheet HTML 7Page - Texas Instruments AM263P4 Datasheet HTML 8Page - Texas Instruments AM263P4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 168 page
background image
Industrial Connectivity:
• Programmable Real-Time Unit - Industrial
Communication Subsystem (PRU-ICSS)
– Dual core Programmable Real-Time Unit
Subsystem (PRU0 / PRU1)
• Deterministic Hardware
• Dynamic Firmware
– 20-channel enhanced input (eGPI) per PRU
– 20-channel enhanced output (eGPO) per PRU
– Embedded Peripherals and Memory
• 1x UART, 1x ECAP, 1x MDIO, 1x IEP
• 1x 32KB Shared General Purpose RAM
• 2x 8KB Shared Data RAM
• 1x 16KB IRAM per PRU
• ScratchPad (SPAD), MAC/CRC
– Digital encoder and sigma-delta control loops
– The PRU-ICSS enables advanced industrial
protocols including:
• EtherCAT®, Ethernet/IP™,
• PROFINET®, IO-Link® for order
– Dedicated Interrupt Controller (INTC)
– Dynamic CONTROLSS XBAR Integration
High-Speed Interfaces:
• Integrated 3-port Gigabit Ethernet switch (CPSW)
supporting up to two external ports
– MII (10/100), RMII (10/100), or RGMII
(10/100/1000)
– IEEE 1588 (2008 Annex D, Annex E, Annex F)
with 802.1AS PTP
– Clause 45 MDIO PHY management
– 512x ALE engine-based Packet Classifiers
– Priority flow control with up to 2KB packet size
– Four CPU hardware interrupt pacing
– IP/UDP/TCP checksum offload in hardware
Security:
• Hardware Security Module (HSM) with support for
Auto SHE 1.1/EVITA
– Arm® Cortex®-M4F based dedicated security
controller
– Isolated and secured RAMs
– Peripherals like Timers, WWDT, RTC, Interrupt
Controller
– Safety related peripherals like CRC, ESM,
PBIST
• Secure boot support
– Device Take Over Protection
– Hardware-enforced root-of-trust (RoT)
• Support for two sets of RoT keys
– Authenticated boot support
• Encrypted boot support
– SW Anti-rollback protection
• Debug security
– Secure device debug only after cryptographic
authentication
– Support for permanent debug/JTAG disable
• Device ID and Key Management
– Unique ID (SoC ID)
– Support for OTP Memory (FUSEROM)
• Extensive Firewall Support
– System Memory Protection Units (MPU)
present at various interfaces
• Cryptographic Acceleration
– Cryptographic cores with DMA Support
– AES - 128/192/256-bit key sizes
– SHA2 - 256/384/512-bit support
– Deterministic random bit generator (DRBG)
with pseudo and true random number generator
(TRNG)
– Public Key Accelerator (PKA) to assist in RSA/
Elliptic Curve Cryptography (ECC) processing
AM263P4, AM263P2, AM263P4-Q1, AM263P2-Q1
SPRSP81D – OCTOBER 2023 – REVISED MAY 2025
www.ti.com
2
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM263P4 AM263P2 AM263P4-Q1 AM263P2-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More