データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS419 データシート(PDF) 34 Page - STMicroelectronics

部品番号 TS419
部品情報  360 mW mono amplifier with standby mode
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS419 データシート(HTML) 34 Page - STMicroelectronics

Back Button TS419_V01 Datasheet HTML 30Page - STMicroelectronics TS419_V01 Datasheet HTML 31Page - STMicroelectronics TS419_V01 Datasheet HTML 32Page - STMicroelectronics TS419_V01 Datasheet HTML 33Page - STMicroelectronics TS419_V01 Datasheet HTML 34Page - STMicroelectronics TS419_V01 Datasheet HTML 35Page - STMicroelectronics TS419_V01 Datasheet HTML 36Page - STMicroelectronics TS419_V01 Datasheet HTML 37Page - STMicroelectronics TS419_V01 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
6.1
MiniSO-8 mechanical data
Table 9. MiniSO-8 mechanical data
Dim.
mm.
inch.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.1
0.043
A1
0.05
0.10
0.15
0.002
0.004
0.005
A2
0.78
0.86
0.94
0.031
0.031
0.037
b
0.25
0.33
0.4Q
0.010
0.13
0.013
c
0.13
0.16
0.23
0.005
0.007
0.009
D
2.90
3.00
3.10
0.114
0.118
0.122
E
4.75
4.90
5.05
0.187
0.193
0.199
E1
2.90
3.00
3.10
0.114
0.118
0.122
e
0.65
0.026
K
0°
6°
0°
6°
L
0.40
0.55
0.70
0.016
0.022
0.028
L1
0.10
0.004
Figure 99. MiniSO-8 drawing
TS419, TS421
Package information
DS3048 - Rev 7
page 34/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42