データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS4990IST データシート(PDF) 8 Page - STMicroelectronics

部品番号 TS4990IST
部品情報  1.2 W audio power amplifier with active-low standby mode
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4990IST データシート(HTML) 8 Page - STMicroelectronics

Back Button TS4990IST Datasheet HTML 4Page - STMicroelectronics TS4990IST Datasheet HTML 5Page - STMicroelectronics TS4990IST Datasheet HTML 6Page - STMicroelectronics TS4990IST Datasheet HTML 7Page - STMicroelectronics TS4990IST Datasheet HTML 8Page - STMicroelectronics TS4990IST Datasheet HTML 9Page - STMicroelectronics TS4990IST Datasheet HTML 10Page - STMicroelectronics TS4990IST Datasheet HTML 11Page - STMicroelectronics TS4990IST Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
Electrical characteristics
TS4990
8/33
DocID9309 Rev 14
Figure 2. Open loop frequency response
VCC = 5 V
Figure 3. Open loop frequency response
VCC = 3.3 V
0.1
1
10
100
1000
10000
-60
-40
-20
0
20
40
60
-200
-160
-120
-80
-40
0
Gain
Phase
Frequency (kHz)
Vcc = 5V
RL = 8
Ω
Tamb = 25
°C
0.1
1
10
100
1000
10000
-60
-40
-20
0
20
40
60
-200
-160
-120
-80
-40
0
Gain
Phase
Frequency (kHz)
Vcc = 3.3V
RL = 8
Ω
Tamb = 25
°C
Figure 4. Open loop frequency response
VCC = 2.6 V
Figure 5. Open loop frequency response
CL = 560 pF
0.1
1
10
100
1000
10000
-60
-40
-20
0
20
40
60
-200
-160
-120
-80
-40
0
Gain
Phase
Frequency (kHz)
Vcc = 2.6V
RL = 8
Ω
Tamb = 25
°C
0.1
1
10
100
1000
10000
-40
-20
0
20
40
60
80
100
-200
-160
-120
-80
-40
0
Gain
Phase
Frequency (kHz)
Vcc = 5V
CL = 560pF
Tamb = 25
°C
Figure 6. Open loop frequency response
VCC = 3.3 V, CL 560 PF
Figure 7. Open loop frequency response
VCC = 2.6 V, CL 560 PF
0.1
1
10
100
1000
10000
-40
-20
0
20
40
60
80
100
-200
-160
-120
-80
-40
0
Gain
Phase
Frequency (kHz)
Vcc = 3.3V
CL = 560pF
Tamb = 25
°C
0.1
1
10
100
1000
10000
-40
-20
0
20
40
60
80
100
-200
-160
-120
-80
-40
0
Gain
Phase
Frequency (kHz)
Vcc = 2.6V
CL = 560pF
Tamb = 25
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com