データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TSC1021AIYPT データシート(PDF) 11 Page - STMicroelectronics

部品番号 TSC1021AIYPT
部品情報  High-side current sense amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC1021AIYPT データシート(HTML) 11 Page - STMicroelectronics

Back Button TSC1021AIYPT Datasheet HTML 7Page - STMicroelectronics TSC1021AIYPT Datasheet HTML 8Page - STMicroelectronics TSC1021AIYPT Datasheet HTML 9Page - STMicroelectronics TSC1021AIYPT Datasheet HTML 10Page - STMicroelectronics TSC1021AIYPT Datasheet HTML 11Page - STMicroelectronics TSC1021AIYPT Datasheet HTML 12Page - STMicroelectronics TSC1021AIYPT Datasheet HTML 13Page - STMicroelectronics TSC1021AIYPT Datasheet HTML 14Page - STMicroelectronics TSC1021AIYPT Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
TSC1021
Parameter definitions
DocID017857 Rev 4
11/17
6
Parameter definitions
6.1
Common mode rejection ratio (CMR)
The common-mode rejection ratio (CMR) measures the ability of the current-sensing
amplifier to reject any DC voltage applied on both inputs Vp and Vm. The CMR is referred
back to the input so that its effect can be compared with the applied differential signal. The
CMR is defined by the formula:
6.2
Supply voltage rejection ratio (SVR)
The supply-voltage rejection ratio (SVR) measures the ability of the current-sensing
amplifier to reject any variation of the supply voltage VCC. The SVR is referred back to the
input so that its effect can be compared with the applied differential signal. The SVR is
defined by the formula:
6.3
Gain (Av) and input offset voltage (Vos)
The input offset voltage is defined as the intersection between the linear regression of the
Vout vs. the Vsense curve with the X-axis. If Vout1 is the output voltage with Vsense = Vsense1 = 50
mV, and Vout2 is the output voltage with Vsense = Vsense2 = 5 mV, then Vos can be calculated
with the following formula.
6.4
Output voltage drift versus temperature
The output voltage drift versus temperature is defined as the maximum variation of Vout with
respect to its value at 25 °C, over the temperature range. It is calculated as follows:
with Tmin < Tamb < Tmax.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com