| データシートサーチシステム |
|
TSC211IYCT データシート(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TSC211IYCT データシート(HTML) 14 Page - STMicroelectronics |
|
14 / 38 page ![]() 6.3 Unidirectionnal / bidirectionnal operation • Unidirectional operation Unidirectional mode of operation allows the device to measure the current through a shunt resistor in one direction only. The output reference can be Ground or Vcc and can be set by using Vref pins for adjustment. • Ground referenced Figure 31. Output reference to ground OUT VREF V Shunt resistor In- In+ R1 R2 R3 Gnd R4 - + CC Current In this configuration the Vref pin is connected to the ground. The output common mode voltage is then automatically set to GND when no current flows through the Rshunt resistance. This configuration allows the full- scale output in unidirectional mode. It allows to measure a current as described in Figure 31. • Vcc referenced Figure 32. Output reference to Vcc OUT VREF V Shunt resistor In- In+ R1 R2 R3 Gnd R4 - + CC Current TSC210, TSC211, TSC212, TSC213, TSC214, TSC215 Application information DS13237 - Rev 7 page 14/38 |