データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

712RAH データシート(PDF) 2 Page - Switchcraft, Inc.

部品番号 712RAH
部品情報  High Temperature DC Power Jacks & Plugs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SWITCH [Switchcraft, Inc.]
ホームページ  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

712RAH データシート(HTML) 2 Page - Switchcraft, Inc.

  712RAH Datasheet HTML 1Page - Switchcraft, Inc. 712RAH Datasheet HTML 2Page - Switchcraft, Inc. 712RAH Datasheet HTML 3Page - Switchcraft, Inc. 712RAH Datasheet HTML 4Page - Switchcraft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NPB 637
High Temperature DC Power Jacks & Plugs
55 5 5 N EL STON AVE, CHIC A GO , IL 606 30 - 7 73.79 2.2700 - SALES@SW ITCHCRAFT.COM
New high temperature jacks and plugs from Switchcraft utilize a specially engineered, high RTI thermoplastic
capable of withstanding higher temperatures and current than our standard power jacks. This is ideal for
applications with a high ambient temperature and is better able to withstand the high temperatures introduced
by soldering than typical power jacks and plugs.
They are made in the USA using the same high quality components and procedures as our other power jacks
and plugs and are fully mateable with either high temperature or standard jacks and plugs from Switchcraft.



Html Pages

1 2 3 4