| データシートサーチシステム |
|
M28840/20CJ1AAS2 データシート(PDF) 8 Page - Amphenol PCD, Inc |
|
|
|||||||||||||||||||||||||||||
M28840/20CJ1AAS2 データシート(HTML) 8 Page - Amphenol PCD, Inc |
|
8 / 25 page ![]() amphenolpcd.com | M28840@amphenolpcd.com | (978) 624-3400 amphenolpcd.com | M28840@amphenolpcd.com | (978) 624-3400 * Dimensions in (inches) mm * Dimensions in (inches) mm 14 15 M28840/7 DUMMY STOWAGE RECEPTACLE M28840/7 B 4 F DESIGNATION SHELL SIZE KEY POSITION MATERIAL & FINISH QPL: M28840/7 Commercial: IN28840/7 A: 11 B: 13 C: 15 D: 17 E: 19 F: 23 G: 25 H: 29 J: 33 1 2 3 4 5 6 No Designation: Aluminum, Cadmium Plate, O.D. over Electroless Nickel S: Aluminum-Zinc Nickel, Non-Reflective L: Aluminum-Tin-Zinc, Non-Reflective (Commercial only) TABLE A Military Shell Size Shell Size N Ø Max. O Ref. Mating Hole R True Position to S T A 11 (.750) 19.05 (.812) 20.62 (.750) 19.05 (1.043) 26.49 (1.003) 25.48 (.130) 3.30 (.115) 2.92 B 13 (.875) 22.22 (.937) 23.80 (.843) 21.41 (1.158) 29.41 (1.118) 28.40 C 15 (1.062) 26.97 (1.124) 28.55 (.968) 24.59 (1.278) 32.46 (1.238) 31.45 D 17 (1.125) 28.58 (1.187) 30.15 (1.015) 25.78 (1.403) (35.64 (1.363)34.62 E 19 (1.312) 33.32 (1.374) 34.90 (1.140) 28.96 (1.528) 38.81 (1.488) 37.80) F 23 (1.500) 38.10 (1.562) 39.67 (1.281) 32.54 (1.738) 44.15 (1.698) 43.13 G 25 (1.625) 41.28 (1.687) 42.85 (1.392) 35.36 (1.838) 46.69 (1.798) 45.67 (.157) 3.99 (.142) 3.61 H 29 (1.812) 46.02 (1.874) 47.60 (1.568) 39.83 (2.158) 54.81 (2.118) 53.80) J 33 (2.000) 50.80 (2.062) 52.37 (1.734) 44.04 (2.348) 59.64 (2.308) 58.62 (.183) 4.65 (.168) 4.27 CL CL TABLE A Backshell Shell Size DASH # Military Shell Size Shell Size A Thread Class 2B B Ø Max. C Ø Max. D Ø Max. A 01 A 11 .750-20 UNEF (1.028) 26.11 (1.188) 30.17 (1.031) 26.19 A 02 B 13 .875-20 UNEF (1.141) 28.98 B 03 B 13 A 04 C 15 1.00-20 UNEF (1.263) 32.08 (1.438) 36.52 (1.156) 29.36 B 05 C 15 C 06 C 15 D 07 C 15 (1.688) 42.87 (1.281) 32.54 A 08 D 17 1.125-18 UNEF (1.387) 35.23 B 09 D 17 C 10 D 17 A 11 E 19 1.250-18 UNEF (1.513) 38.43 B 12 E 19 (1.938) 49.22 (1.406) 35.71 A 13 F 23 1.438-18 UNEF (1.703) 43.51 B 14 F 23 C 15 F 23 A 16 G 25 1.562-18 UNEF (1.825) 46.35 B 17 G 25 C 18 G 25 (2.188) 54.43 (1.531) 38.89 D 19 G 25 A 20 H 29 1.875-16 UN (2.143) 54.43 B 21 H 29 A 22 J 33 2.062-16 UNS (2.329) 59.16 (2.688) 68.26 (1.781) 45.24 A 23 J 33 B 24 A 11 .750-20 UNEF (1.028) 26.11 (1.188) 30.17 (1.031) 26.19 C 25 A 11 (1.438) 36.52 (1.156) 29.36 C 26 B 13 .875-20 UNEF (1.141) 28.98 D 27 B 13 (1.688) 42.87 (1.281) 32.54 E 28 C 15 1.000-20 UNEF (1.263) 32.08 M28840/8 90o EMI/RFI ENVIRONMENTAL BACKSHELL M28840/8 16 W A DESIGNATION DASH # MATERIAL & FINISH BACKSHELL STYLE QPL: M28840/8 Commercial: IN28840/8 See Table A W: Aluminum, Cadmium Plate, O.D. over Electroless Nickel S: Aluminum -Zinc Nickel, Non-Reflective L: Aluminum-Tin-Zinc, Non-Reflective (Commercial only) A: EMI Environmental B: Environmental |