| データシートサーチシステム |
|
S760H データシート(PDF) 2 Page - Switchcraft, Inc. |
|
|
|||||||||||||||||||||||||||||
S760H データシート(HTML) 2 Page - Switchcraft, Inc. |
|
2 / 4 page ![]() NPB 637 High Temperature DC Power Jacks & Plugs 55 5 5 N EL STON AVE, CHIC A GO , IL 606 30 - 7 73.79 2.2700 - SALES@SW ITCHCRAFT.COM New high temperature jacks and plugs from Switchcraft utilize a specially engineered, high RTI thermoplastic capable of withstanding higher temperatures and current than our standard power jacks. This is ideal for applications with a high ambient temperature and is better able to withstand the high temperatures introduced by soldering than typical power jacks and plugs. They are made in the USA using the same high quality components and procedures as our other power jacks and plugs and are fully mateable with either high temperature or standard jacks and plugs from Switchcraft. |