| データシートサーチシステム |
|
BQ40Z50RSMT-R1 データシート(PDF) 37 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
BQ40Z50RSMT-R1 データシート(HTML) 37 Page - Texas Instruments |
|
37 / 56 page ![]() bq40z50-R1 www.ti.com SLUSCB3 – JULY 2015 Figure 32. Cell and BAT Inputs 9.2.2.3.2 External Cell Balancing Internal cell balancing can only support up to 10 mA. External cell balancing provide as another option for faster cell balancing. For details, refer to the application note, Fast Cell Balancing Using External MOSFET (SLUA420). 9.2.2.3.3 PACK and FET Control The PACK and VCC inputs provide power to the bq40z50-R1 from the charger. The PACK input also provides a method to measure and detect the presence of a charger. The PACK input uses a 100- Ω resistor; whereas, the VCC input uses a diode to guard against input transients and prevents mis-operation of the date driver during short-circuit events. Copyright © 2015, Texas Instruments Incorporated Submit Documentation Feedback 37 Product Folder Links: bq40z50-R1 |