| データシートサーチシステム |
|
STA381BWS データシート(PDF) 122 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA381BWS データシート(HTML) 122 Page - STMicroelectronics |
|
122 / 174 page ![]() Register description: Sound Terminal compatibility STA381BWS 122/174 DocID018937 Rev 7 2.1 channels, two half-bridges + one full-bridge (OCFG = 01) FFX1A -> OUT1A FFX2A -> OUT1B FFX3A -> OUT2A FFX3B -> OUT2B FFX1A -> OUT3A FFX1B -> OUT3B FFX2A -> OUT4A FFX2B -> OUT4B FFX1A/1B configured as binary FFX2A/2B configured as binary FFX3A/3B configured as binary FFX4A/4B is not used In this configuration, channel 3 has full control (volume, EQ, etc…). On OUT3/OUT4 channels channel 1 and channel 2 PWM are replicated. In this configuration the PWM slot phase is the following as shown in Figure 39. Figure 39. 2.1 channels (OCFG = 01) PWM slots OUT1A OUT2A OUT2B OUT3A OUT3B OUT1B OUT4A OUT4B OUT1A OUT2A OUT2B OUT3A OUT3B OUT1B OUT4A OUT4B OUT1A OUT2A OUT2B OUT3A OUT3B OUT1B OUT4A OUT4B OUT1A OUT2A OUT2B OUT3A OUT3B OUT1B OUT1A OUT2A OUT2B OUT3A OUT3B OUT1B OUT4A OUT4B OUT1A OUT2A OUT2B OUT3A OUT3B OUT1B OUT4A OUT4B Obsolete Product(s) - Obsolete Product(s) |