| データシートサーチシステム |
|
STA381BWS データシート(PDF) 123 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA381BWS データシート(HTML) 123 Page - STMicroelectronics |
|
123 / 174 page ![]() DocID018937 Rev 7 123/174 STA381BWS Register description: Sound Terminal compatibility 2.1 channels, two full-bridges + one external full-bridge (OCFG = 10) FFX1A -> OUT1A FFX1B -> OUT1B FFX2A -> OUT2A FFX2B -> OUT2B FFX3A -> OUT3A FFX3B -> OUT3B EAPD -> OUT4A TWARN -> OUT4B FFX1A/1B configured as C1B0 (default: ternary) FFX2A/2B configured as C2B0 (default: ternary) FFX3A/3B configured as C3B0 (default: ternary) FFX4A/4B is not used In this configuration, channel 3 has full control (volume, EQ, etc…). On OUT4 channel the external bridge control signals are muxed. In this configuration the PWM slot phase is the following as shown in Figure 40. Figure 40. 2.1 channels (OCFG = 10) PWM slots OUT1A OUT1B OUT2A OUT2B OUT3A OUT3B OUT1A OUT1B OUT2A OUT2B OUT3A OUT3B OUT1A OUT1B OUT2A OUT2B OUT3A OUT3B OUT1A OUT1B OUT2A OUT2B OUT3A OUT3B Obsolete Product(s) - Obsolete Product(s) |