データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STA7360 データシート(PDF) 17 Page - STMicroelectronics

部品番号 STA7360
部品情報  20 W bridge/stereo audio amplifier with clipping detector
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA7360 データシート(HTML) 17 Page - STMicroelectronics

Back Button STA7360 Datasheet HTML 13Page - STMicroelectronics STA7360 Datasheet HTML 14Page - STMicroelectronics STA7360 Datasheet HTML 15Page - STMicroelectronics STA7360 Datasheet HTML 16Page - STMicroelectronics STA7360 Datasheet HTML 17Page - STMicroelectronics STA7360 Datasheet HTML 18Page - STMicroelectronics STA7360 Datasheet HTML 19Page - STMicroelectronics STA7360 Datasheet HTML 20Page - STMicroelectronics STA7360 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
STA7360
Block description
Doc ID 9814 Rev 4
17/28
4.6
Stability
The device is provided with an internal compensation which allows reaching low values of
closed loop gain. In this way better performances of the S/N ratio and SVR can be obtained.
Figure 24.
Mute function diagram
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28