データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA7264 データシート(PDF) 4 Page - STMicroelectronics

部品番号 TDA7264
部品情報  25 W 25 W stereo amplifier with mute and standby
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7264 データシート(HTML) 4 Page - STMicroelectronics

  TDA7264_V01 Datasheet HTML 1Page - STMicroelectronics TDA7264_V01 Datasheet HTML 2Page - STMicroelectronics TDA7264_V01 Datasheet HTML 3Page - STMicroelectronics TDA7264_V01 Datasheet HTML 4Page - STMicroelectronics TDA7264_V01 Datasheet HTML 5Page - STMicroelectronics TDA7264_V01 Datasheet HTML 6Page - STMicroelectronics TDA7264_V01 Datasheet HTML 7Page - STMicroelectronics TDA7264_V01 Datasheet HTML 8Page - STMicroelectronics TDA7264_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Electrical specifications
TDA7264
4/14
Doc ID 1477 Rev 6
THD
Total harmonic distortion
PO = 1 W, f = 1 kHz,
RL = 8 Ω, VS = ±20 V,
-0.02
-
%
PO = 0.1 to 15 W,
f = 100 Hz to 15 kHz,
RL = 8 Ω, VS = ±20 V
--0.5
PO = 1 W, f = 1 kHz,
RL = 4 Ω, VS = ±16 V,
-0.03
-
PO = 0.1 to 12 W,
f = 100 Hz to 15 kHz,
RL = 4 Ω, VS = ±16 V
--1.0
CT
Crosstalk
f = 1 kHz
f = 10 kHz
-
70
60
-dB
SR
Slew rate
-
-
10
-
V/µs
GV
Closed-loop voltage gain
-
29
30
31
dB
∆GV
Voltage gain matching
-
-
0.2
-
dB
eN
Total input noise
A curve
f = 20 Hz to 22 kHz
-
-
2.5
3.5
8
-
µV
Ri
Input resistance
-
15
20
-
k
Ω
SVRR
Supply voltage rejection ratio
fr = 100 Hz, Vr = 0.5 V
-
60
-
dB
Tj
Junction temperature at thermal
shut-down
-
-
145
-
°C
Mute mode (see also Table 5 on page 8)
VTMUTE
Mute/play threshold
-
-7
-6
-5
V
AMUTE
Mute attenuation
-
60
90
-
dB
Standby mode (see also Table 5 on page 8)
VTSTBY
Standby/mute threshold
-
-3.5
-2.5
-1.5
V
ASTBY
Standby attenuation
-
-
110
-
dB
Iq_STBY
Quiescent current in standby
-
-
3
-
mA
1.
FULL POWER up to VS = ±22.5 V with RL = 8 Ω and VS = ±16 V with RL = 4 Ω.
MUSIC POWER is the maximum power which the amplifier is capable of producing across the rated load
resistance (regardless of non-linearity) 1 s after the application of a sinusoidal input signal of frequency
1kHz.
Table 4.
Electrical specifications (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14