データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA7264 データシート(PDF) 11 Page - STMicroelectronics

部品番号 TDA7264
部品情報  25 W 25 W stereo amplifier with mute and standby
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7264 データシート(HTML) 11 Page - STMicroelectronics

Back Button TDA7264 Datasheet HTML 6Page - STMicroelectronics TDA7264 Datasheet HTML 7Page - STMicroelectronics TDA7264 Datasheet HTML 8Page - STMicroelectronics TDA7264 Datasheet HTML 9Page - STMicroelectronics TDA7264 Datasheet HTML 10Page - STMicroelectronics TDA7264 Datasheet HTML 11Page - STMicroelectronics TDA7264 Datasheet HTML 12Page - STMicroelectronics TDA7264 Datasheet HTML 13Page - STMicroelectronics TDA7264 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
TDA7264
Package mechanical data
Doc ID 1477 Rev 6
11/14
6
Package mechanical data
The TDA7264 comes in a 8-pin Multiwatt package with pin 5 internally connected to the
metal tab.
Figure 14.
Multiwatt8 outline drawing
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14